| データシートサーチシステム |
|
STV-6410-R01 データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-6410-R01 データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 105 page ![]() Start of Active Video Figure 27 : Status Line Data Format and FST Signals End of Active Video Serial Interface Register Values 0H 1H 0H 1H 0H 7H FH FH 1H 9H (SAV) (EAV) CH 7H 0H 7H 0H 7H AH 0H 0H 7H 0H 7H 0H 7H 8H 0H 0H 0H Start of Frame Line Code DeviceL (Register 1) Padding Characters FFH 00H 80H FFH 07H 07H 07H 07H 19H 07H A0H 07H 00H C7H 01H 01H FFH 8-wire Output Mode 4-wire Output Mode D1 D0 D3 D2 D3 D2 D1 D0 FH FST Pin: 00H 04H 00H 04H 00H 1CH 3FH 3FH 18H 1CH 00H 1CH 00H 1CH 14H 00H 00H 1CH 00H 1CH 00H 1CH 10H 00H 00H Line Number 0 DeviceH (Register 0) DeviceL (Register 1) 5-wire Output Mode D1 D0 D3 D2 3FH DeviceH (Register 0) Line Number 0 14H 00H Padding Characters Padding Characters 00H (i) Frame start pulse - qualifies status line information - selected by writing 2’b01 to fg_mode register[7:6], see Table 32 for details (ii) Flash synchronisation mode for FST - high in line following EOF, falls at start of EAV in Status line - selected by writing 2’b1x to serial register, 14(hex) |