| データシートサーチシステム |
|
STV-DCA/CIF-R01 データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/CIF-R01 データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 105 page ![]() VV5410 & VV6410 Operating Modes cd5410-6410f-3-0.fm Commercial in confidence 14/105 3.3.3 Horizontal mirror Figure 6 shows the output image with the horizontal mirror feature enabled. Note that the columns are read out in reverse order. 3.3.4 Vertical Flip Figure 7 shows the output image with the vertical flip feature enabled. Note that the even rows (rows 2,4,6 etc), are read out first RRRRRRG G G G G G GR GR GR GR GR GR Where G - Green and R - Red Figure 5 : Horizontal Shuffle Enabled GR GR GR GR GR GR RG RG RG RG RG RG Where G - Green and R - Red Figure 6 : Horizontal mirror enabled |