| データシートサーチシステム |
|
STV-DCA/CIF-R01 データシート(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV-DCA/CIF-R01 データシート(HTML) 46 Page - STMicroelectronics |
|
46 / 105 page ![]() Start of Active Video (SAV) Line Figure 26 : Line Data Format. End of Active Video (EAV) Video Data YH D1 D0 D3 D2 PM PL PM PL PM PL PM PL PM PL PM PL Number SAV 8H 0H XH Line Code Escape/Sync Sequence Line Code Escape/Sync Sequence (i) (ii) (iii) (iv) (v) Blanking Line (BL) Black Line (BK) Visible Line (VL) Start of Frame (SOF) End of Frame (EOF) P = Blanking Level (07H) P = Valid Black Pixel Data P = Valid Pixel Data P = Sensor Status Data, data at pixel position 0 and 1 set to blanking level, 07H. P = Blanking Level (07H) N/2 Even Pixels N/2 Odd Pixels N Pixels 0 1 N/2 -1 N/2 N -1 N -2 0 1 N -1 1 N-4 N-2 Pixel Number (Unshuffled Pixel Data) Pixel Number (Shuffled Pixel Data) 4-wire Output Mode Line Format 8-wire Output Mode FFH 00H XH YH D3 D2 D1 D0 P P P P P P FFH 00H 80H FFH 0H FH 0H FH Line Period FH D1 D0 D3 D2 D3 D2 D1 D0 Null Chars Pixel Avg |