| データシートサーチシステム |
|
HT2014M データシート(PDF) 1 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT2014M データシート(HTML) 1 Page - Holtek Semiconductor Inc |
|
1 / 4 page ![]() HT201XX One Lamp/LED Flash Driver Selection Table Part No. Flash Rate ON/OFF Control Package Yes No TO-92 Dice HT2013H 4Hz √√ HT2012H 4Hz √√ √ HT2013M 2Hz √√ HT2014M 2Hz √√ √ HT2013L 1Hz √√ HT2014L 1Hz √√ √ Features • CMOS Metal-Gate Process Technology • Operating voltage: 1.2V~4.5V • Low standby current: 1 µA Typ. at 3V • Built-in oscillator (FOSC: 32KHz) • ON/OFF control function for the HT2013H, HT2013M, HT2013L • 1/8 duty cycle output • Directly driving an LED • Minimum external components • TO-92 package (only for the HT2012H, HT2014M, HT2014L) • Flash rate options: – HT2013H → about 4Hz – HT2012H → about 4Hz (No ON/OFF control function) – HT2013M → about 2Hz – HT2014M → about 2Hz (No ON/OFF control function) – HT2013L → about 1Hz – HT2014L → about 1Hz (No ON/OFF control function) General Description The HT201XX series is a low cost, low power CMOS LSI chip designed for lamp and LED flash drivers. It can be operated without any external components, thus suitable for applica- tions on flashing badges, gift cards, flashing earrings, and other products that require flash- ing lights. 1 10th June ’97 |
同様の部品番号 - HT2014M |
|
同様の説明 - HT2014M |