データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT2014M データシート(PDF) 3 Page - Holtek Semiconductor Inc

部品番号 HT2014M
部品情報  One Lamp/LED Flash Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HOLTEK [Holtek Semiconductor Inc]
ホームページ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2014M データシート(HTML) 3 Page - Holtek Semiconductor Inc

  HT2014M Datasheet HTML 1Page - Holtek Semiconductor Inc HT2014M Datasheet HTML 2Page - Holtek Semiconductor Inc HT2014M Datasheet HTML 3Page - Holtek Semiconductor Inc HT2014M Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Absolute Maximum Ratings
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 75°C
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VDD
Condition
VDD
Operating Voltage
—
—
1.2
3
4.5
V
ISTB
Standby Current
3V
—
—
1
2
µA
IDD
Operating Current
3V
No load
—
200
500
µA
IOL
OUT Pad Sink Current
1.5V
VOL=0.15V
5
12
—
mA
3V
VOL=0.3V
10
30
—
mA
FOSC
System Frequency
3V
—
—
32K
—
Hz
Application Circuit
Chip form with ON/OFF control
Chip form without ON/OFF control
*The IC substrate should be connected to VDD in PCB layout artwork.
HT201XX
3
10th June ’97



Html Pages

1 2 3 4