| データシートサーチシステム |
|
UPD78F0949 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78F0949 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 72 page ![]() 13 µPD78F0949 Table 3-3: Types of Pin Input/Output Circuits (2/3) Pin Name Input/Output Circuit Type I/O Recommended Connection for Unused Pins P50/A8/S39 P51/A9/S38 P52/A10/S37 P53/A11/S36 P54/A12/S35 P55/A13/S34 P56/A14/S33 P57/A15/S32 17 I/O Connect to Vdd or Vss via a resistor individually P64/RD P65/WR P67/ASTB 5-A I/O Connect to Vdd or Vss via a resistor individually P70/S31 P71/S30 P72/S29 P73/S28 P74/S27 P75/S26 P76/S25 P77/S24 17-B I/O Connect to Vdd or Vss via a resistor individually P120/S23 P121/S22 P122/S21 P123/S20 P124/S19 P125/S18 P126/S17 P127/S16 17-C I/O Connect to Vdd or Vss via a resistor individually P130/S15 P131/S14 P132/S13 P133/S12 P134/S11 P135/S10 P136/S9 P137/S8 17-A I/O Connect to Vdd or Vss via a resistor individually P140/S7 P141/S6 P142/S5 P143/S4 P144/S3 P145/S2 P146/S1 P147/S0 17-A I/O Connect to Vdd or Vss via a resistor individually |