| データシートサーチシステム |
|
UPD78F0949 データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78F0949 データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 72 page ![]() 14 µPD78F0949 Table 3-3: Types of Pin Input/Output Circuits (3/3) Pin Name Input/Output Circuit Type I/O Recommended Connection for Unused Pins COM0 – COM3 18 O VLC0 – VLC2- - Leave open CRxD 1 I Connect to Vdd via a resistor individually CTxD 2 O Leave open CL1/CCLK - - Connect to Vdd or Vss via a resistor individually CL2 - - Leave open RESET 1 I - AVDD/AVREF - - Connect to VDD AVSS - - Connect to VSS IC VPP - - Connect directly to VSS |