| データシートサーチシステム |
|
UPD78P014 データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78P014 データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 64 page ![]() 2 µPD78P014 78K/0 SERIES DEVELOPMENT 5 PD78002Y Subseries µ PD78014Y Subseries µ PD78054Y Subseries µ PD78044A Subseries µ PD78064Y Subseries µ PD78002 Subseries µ PD78014 Subseries µ PD78014 Subseries µ PD78064 Subseries µ PD78054 Subseries µ PD78098 Subseries µ PD78024 Subseries µ PD78044 Subseries µ Products in Volume Production Products under Development Y subseries are products compatible with I C bus. 64-pin package 64-pin package A/D converter, 16-bit timer/event counter, SIO with automatic transmission/ reception function added Multiply/divide instructions added 64-pin package A/D converter, 16-bit timer/event counter, FIP TM controller/driver, multiply/divide instructions added 80-pin package UART, D/A converter, real-time output port added 16-bit timer/event counter function enhanced 80-pin package Automatic transmission/reception function added 6-bit up/down counter added FIP controller/driver function enhanced µ PD78018F Subseries µ 64-pin package Capable of low voltage and high-speed operation 100-pin package LCD controller/driver, UART added 16-bit timer/event counter function enhanced PD78078Y Subseries µ 100-pin package 8-bit timer/event counter added External expansion function enhanced 80-pin package IEBus™ controller added PD78083 Subseries µ 42/44-pin package UART, A/D converter, 8-bit timer/event counter function PD780208 Subseries µ 100-pin package FIP controller/driver function enhanced 2 PD78078 Subseries µ PD78018FY Subseries |