| データシートサーチシステム |
|
SI53112-A00AGMR データシート(PDF) 22 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SI53112-A00AGMR データシート(HTML) 22 Page - Skyworks Solutions Inc. |
|
22 / 35 page ![]() Si53112 22 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021 Table 19. Byte 2: Output Enable Control Register Bit Description If Bit = 0 If Bit = 1 Type Default Output(s) Affected 0 Output Enable DIF 8 Low/Low for Si53112 Enabled RW 1 DIF[8] 1 Output Enable DIF 9 Low/Low for Si53112 Enabled RW 1 DIF[9] 2 Output Enable DIF 10 Low/Low for Si53112 Enabled RW 1 DIF[10] 3 Output Enable DIF 11 Low/Low for Si53112 Enabled RW 1 DIF[11] 4 Reserved 0 5 Reserved 0 6 Reserved 0 7 Reserved 0 Table 20. Byte 3: Reserved Control Register Bit Description If Bit = 0 If Bit = 1 Type Default Output(s) Affected 0 Reserved 0 1 Reserved 0 2 Reserved 0 3 Reserved 0 4 Reserved 0 5 Reserved 0 6 Reserved 0 7 Reserved 0 |