| データシートサーチシステム |
|
SI53112-A00AGMR データシート(PDF) 24 Page - Skyworks Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
SI53112-A00AGMR データシート(HTML) 24 Page - Skyworks Solutions Inc. |
|
24 / 35 page ![]() Si53112 24 Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com Rev. 1.1 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 2, 2021 Table 24. Byte 7: Byte Count Register Bit Description If Bit = 0 If Bit = 1 Type Default Output(s) Affected 0 BC0 - Writing to this register con- figures how many bytes will be read back RW 0 1 BC1 -Writing to this register con- figures how many bytes will be read back RW 0 2 BC2 -Writing to this register con- figures how many bytes will be read back RW 0 3 BC3 -Writing to this register con- figures how many bytes will be read back RW 1 4 BC4 -Writing to this register con- figures how many bytes will be read back RW 0 5 Reserved 0 6 Reserved 0 7 Reserved 0 |