データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34C02-RMB1G データシート(PDF) 8 Page - STMicroelectronics

部品番号 M34C02-RMB1G
部品情報  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RMB1G データシート(HTML) 8 Page - STMicroelectronics

Back Button M34C02-RMB1G Datasheet HTML 4Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 5Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 6Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 9Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 10Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 11Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Signal description
M34C02-W, M34C02-L, M34C02-R
8/31
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor can be connected from Serial Clock
(SCL) to VCC. (Figure 4 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bi-directional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 4 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E0, E1, E2)
These input signals are used to set the value that is to be looked for on the three least
significant bits (b3, b2, b1) of the 7-bit Device Select Code. These inputs must be tied to
VCC or VSS to establish the Device Select Code.
Figure 3.
Chip Enable input connection
2.4
Write Control (WC)
This input signal is provided for protecting the contents of the whole memory from
inadvertent write operations. Write Control (WC) is used to enable (when driven Low) or
disable (when driven High) write instructions to the entire memory area or to the Protection
Register.
When Write Control (WC) is tied Low or left unconnected, the write protection of the first half
of the memory is determined by the status of the Protection Register.
Ai12819
VCC
M34C02-W
M34C02-L
M34C02-R
VSS
Ei
VCC
M34C02-W
M34C02-L
M34C02-R
VSS
Ei



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31