データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M34C02-RMB1G データシート(PDF) 11 Page - STMicroelectronics

部品番号 M34C02-RMB1G
部品情報  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-RMB1G データシート(HTML) 11 Page - STMicroelectronics

Back Button M34C02-RMB1G Datasheet HTML 7Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 8Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 9Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 10Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 11Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 12Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 13Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 14Page - STMicroelectronics M34C02-RMB1G Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Device operation
11/31
3
Device operation
The device supports the I2C protocol. This is summarized in Figure 5. Any device that sends
data on to the bus is defined to be a transmitter, and any device that reads the data to be a
receiver. The device that controls the data transfer is known as the bus master, and the
other as the slave device. A data transfer can only be initiated by the bus master, which will
also provide the serial clock for synchronization. The memory device is always a slave in all
communication.
3.1
Start Condition
Start is identified by a falling edge of Serial Data (SDA) while Serial Clock (SCL) is stable in
the High state. A Start condition must precede any data transfer command. The device
continuously monitors (except during a Write cycle) Serial Data (SDA) and Serial Clock
(SCL) for a Start condition, and will not respond unless one is given.
3.2
Stop Condition
Stop is identified by a rising edge of Serial Data (SDA) while Serial Clock (SCL) is stable
and driven High. A Stop condition terminates communication between the device and the
bus master. A Read command that is followed by NoAck can be followed by a Stop condition
to force the device into the Stand-by mode. A Stop condition at the end of a Write command
triggers the internal EEPROM Write cycle.
3.3
Acknowledge Bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter,
whether it be bus master or slave device, releases Serial Data (SDA) after sending eight bits
of data. During the 9th clock pulse period, the receiver pulls Serial Data (SDA) Low to
acknowledge the receipt of the eight data bits.
3.4
Data Input
During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock
(SCL). For correct device operation, Serial Data (SDA) must be stable during the rising edge
of Serial Clock (SCL), and the Serial Data (SDA) signal must change only when Serial Clock
(SCL) is driven Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31