データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M41T93RMY6F データシート(PDF) 6 Page - STMicroelectronics

部品番号 M41T93RMY6F
部品情報  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93RMY6F データシート(HTML) 6 Page - STMicroelectronics

Back Button M41T93RMY6F Datasheet HTML 2Page - STMicroelectronics M41T93RMY6F Datasheet HTML 3Page - STMicroelectronics M41T93RMY6F Datasheet HTML 4Page - STMicroelectronics M41T93RMY6F Datasheet HTML 5Page - STMicroelectronics M41T93RMY6F Datasheet HTML 6Page - STMicroelectronics M41T93RMY6F Datasheet HTML 7Page - STMicroelectronics M41T93RMY6F Datasheet HTML 8Page - STMicroelectronics M41T93RMY6F Datasheet HTML 9Page - STMicroelectronics M41T93RMY6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Summary description
M41T93
6/49
1
Summary description
The M41T93 is a low power Serial SPI Bus Real Time Clock with a built-in 32.768kHz
oscillator (external crystal-controlled for the QFN16 package, and embedded crystal for the
SOX18 package). Eight bytes of the Register Map (see Table 3 on page 18) are used for the
clock/calendar function and are configured in binary coded decimal (BCD) format. An
additional 17 bytes of the Register Map provide status/control of the two Alarms, Watchdog,
8-Bit Counter, and Square Wave functions. An additional seven bytes are made available as
user SRAM.
Addresses and data are transferred serially via a serial SPI bus-compatible interface. The
built-in address register is incremented automatically after each WRITE or READ data byte.
The M41T93 has a built-in power sense circuit which detects power failures and
automatically switches to the battery supply when a power failure occurs. The energy
needed to sustain the clock operations can be supplied by a small lithium button battery
when a power failure occurs.
Functions available to the user include a non-volatile, time-of-day clock/calendar, Alarm
interrupt, Watchdog Timer, programmable 8-bit Counter, and Square Wave outputs. The
eight clock address locations contain the century, year, month, date, day, hour, minute,
second, and tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29
(leap year), 30, and 31 day months are made automatically. The M41T93 is supplied in
either a QFN16 or an SOX18 (MY), 300mil SOIC which includes an embedded 32kHz
crystal. The SOX18 package requires only a user-supplied battery to provide non-volatile
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com