| データシートサーチシステム |
|
MAS1016ATC1 データシート(PDF) 3 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS1016ATC1 データシート(HTML) 3 Page - Micro Analog systems |
|
3 / 6 page ![]() 3 (6) DA1016.003 31 October, 2000 ABSOLUTE MAXIMUM RATINGS Parameter Symbol Conditions Min Max Unit Supply Voltage VDD-VSS -0.3 5.0 V Input Voltage VIN VSS-0.3 VDD+0.3 V Power Dissipation PMAX 100 mW Operating Temperature TOP -20 70 oC Storage Temperature TST -40 120 oC ELECTRICAL CHARACTERISTICS Operating Conditions: VDD = 1.4V, Temperature = 25°C Parameter Symbol Conditions Min Typ Max Unit Operating Voltage VDD 1.10 3.60 V Current Consumption IDD 50 200 µA Stand-By Current IDDoff 0.1 µA Input Range fIN 40 100 kHz Sensitivity VIN 0.001 50 mVrms Input Levels |lIN|<0.5 µA VIL VIH 0.8 VDD 0.2 VDD V Output Current VOL<0.2 VDD;VOH >0.8 VDD |IOUT| 5 µA Output Pulse T0 65 125 ms T1 150 220 ms Startup Time TStart 8 s Output Delay Time TDelay 50 100 ms |