| データシートサーチシステム |
|
MAS1016ATC1 データシート(PDF) 6 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS1016ATC1 データシート(HTML) 6 Page - Micro Analog systems |
|
6 / 6 page ![]() 6 (6) DA1016.003 31 October, 2000 ORDERING INFORMATION Product Code Product Package Comments MAS1016ATB1 AM-Receiver IC Wafer, EWS-tested Thickness 480 µm MAS1016ATC1 AM-Receiver IC Wafer, EWS-tested Thickness 400 µm Please contact Micro Analog Systems Oy for other wafer thickness options. LOCAL DISTRIBUTOR MICRO ANALOG SYSTEMS OY CONTACTS Micro Analog Systems Oy Kamreerintie 2, P.O.Box 51 FIN-02771 Espoo, FINLAND Tel. +358 9 80 521 Fax +358 9 805 3213 http://www.mas-oy.com NOTICE Micro Analog Systems Oy reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance and to supply the best possible products. Micro Analog Systems Oy assumes no responsibility for the use of any circuits shown in this data sheet, conveys no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Micro Analog Systems Oy makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification. |