データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M25P64-VMF6TP データシート(PDF) 10 Page - STMicroelectronics

部品番号 M25P64-VMF6TP
部品情報  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6TP データシート(HTML) 10 Page - STMicroelectronics

Back Button M25P64-VMF6TP Datasheet HTML 6Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 7Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 8Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 9Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 10Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 11Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 12Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 13Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Signal description
M25P64
10/49
2.6
Write Protect/Enhanced Program supply voltage (W/VPP)
W/VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If the W/VPP input is kept in a low voltage range (0V to VCC) the pin is seen as a control
input. This input signal is used to freeze the size of the area of memory that is protected
against program or erase instructions (as specified by the values in the BP2, BP1 and BP0
bits of the Status Register).
If VPP is in the range of VPPH it acts as an additional power supply pin. In this case VPP must
be stable until the Program/Erase algorithm is completed.
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49