データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS19 データシート(PDF) 1 Page - SMC Diode Solutions Co. LTD

部品番号 BAS19
部品情報  BAS19-BAS21 SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMCDIODE [SMC Diode Solutions Co. LTD]
ホームページ  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

BAS19 データシート(HTML) 1 Page - SMC Diode Solutions Co. LTD

  BAS19 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD BAS19 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD BAS19 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD BAS19 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0586, Rev. B
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
BAS19-BAS21
BAS19-BAS21 SWITCHING DIODE
Characteristic
Symbol
BAS19
BAS20
BAS21
Unit
Peak Repetitive Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
VRWM
100
150
200
V
Average Rectified Output Current
IO
200
mA
Forward continuous current
IFM
400
mA
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
2.5
A
Power Dissipation
Pd
225
mW
Typical Thermal Resistance Junction to Ambient
RθJA
555
°C/W
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Features
Schematic & Pin Configuration
Mechanical Characteristics
Maximum Ratings@TA=25°C unless otherwise specified
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic
Insertion
For General Purpose Switching Applications
High Conductance
This is a Halogen Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
SOT-23
Case: SOT-23, Molded plastic
Terminals: Plated leads solderable per MIL-STD-202,
Method 208


同様の部品番号 - BAS19

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
BAS19 PANJIT-BAS19 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS19 PHILIPS-BAS19 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS19 VISHAY-BAS19 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS19 TRSYS-BAS19 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19 WTE-BAS19 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

同様の説明 - BAS19

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com