| データシートサーチシステム |
|
UPD78323LP データシート(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78323LP データシート(HTML) 60 Page - Renesas Technology Corp |
|
60 / 88 page ![]() 58 µPD78323, 78324 Flags Mnemonic Operation S Z AC P/V CY Operand CALL CALLF CALLT CALL BRK RET RETB RETI PUSH PUSHU POP POPU MOVW INCW DECW CHKL CHKLA (SP–1) ← (PC+3)H, (SP–2) ← (PC+3)L, PC ← addr16, SP ← SP–2 (SP–1) ← (PC+2)H, (SP–2) ← (PC+2)L, PC15–11 ←00001, PC10–0←addr11,SP←SP–2 (SP–1) ← (PC+1)H, (SP–2) ← (PC+1)L, PCH ←(TPF, 00000000, addr5+1), PCL ←(TPF, 00000000, addr5), SP←SP–2 (SP–1) ← (PC+2)H, (SP–2) ← (PC+2)L, PCH ← rp1H, PCL← rp1L, SP ← SP–2 (SP–1) ← (PC+2)H, (SP–2) ← (PC+2)L, PCH ← (rp1+1), PCL← (rp1), SP ← SP–2 (SP–1) ← PSWH, (SP–2) ← PSWL (SP–3) ← (PC+1)H, (SP–4) ← (PC+1)L, PCL ← (003EH), PCH← (003FH), SP← SP–4 IE ← 0 PCL ← (SP), PCH← (SP+1), SP← SP+2 PCL ← (SP), PCH← (SP+1) PSWL ← (SP+2), PSWH ← (SP+3) SP ← SP+4 PCL ← (SP), PCH← (SP+1) PSWL ← (SP+2), PSWH ← (SP+3) SP ← SP+4 (SP–1) ← sfrH (SP–2) ← sfrL SP ← SP–2 {(SP–1) ←postH, (SP–2) ← postL,SP←SP–2} × n timesNote (SP–1) ←PSWH, (SP–2)←PSWL, SP←SP–2 {(UP–1) ←postH, (UP–2)←postL, UP←UP–2} × n timesNote sfrL ← (SP) sfrH ← (SP+1) SP ← SP+2 {postL ← (SP), postH ← (SP+1), SP←SP+2} × n timesNote PSWL ←(SP), PSWH←(SP+1), SP←SP+2 {postL ← (UP), postH ← (UP+1), UP←UP+2} × n timesNote SP ← word SP ← AX AX ←SP SP ← SP+1 SP ← SP–1 (pin level) ∨ (signal level before output buffer) A ← (pin level) ∨ (signal level before output buffer) !addr16 !addr11 [addr5] rp1 [rp1] sfrp post PSW post sfrp post PSW post SP, #word SP, AX AX, SP SP SP sfr sfr Note n indicates the number of registers described as post. 3 2 1 2 2 1 1 1 1 3 2 1 2 3 2 1 2 4 2 2 2 2 3 3 R RRRR R RRRR R RRRR ×× P ×× P |