| データシートサーチシステム |
|
UPD78323LP データシート(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD78323LP データシート(HTML) 21 Page - Renesas Technology Corp |
|
21 / 88 page ![]() 19 µPD78323, 78324 2.2 PROCESSOR REGISTERS The processor registers consist mainly of three groups. They are general registers consisting of 8 banks of sixteen 8- bit registers, control registers consisting of one 8-bit register and three 16-bit registers, and special function registers such as peripheral hardware I/O mode registers. Figure 2-2. Register Configuration Remark The CCWs of the control registers are mapped in the special function register (SFR) area. PSW S P P C CCW R1 R3 R5 R7 R9 R11 R13 R15 R0 R2 R4 R6 R8 R10 R12 R14 SFR 255 7 SFR 253 SFR 251 SFR 249 SFR 1 SFR 254 SFR 252 SFR 250 SFR 248 SFR 0 07 0 70 70 70 15 0 Control Registers General Registers Special Function Registers |