| データシートサーチシステム |
|
RT1716WSC データシート(PDF) 21 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT1716WSC データシート(HTML) 21 Page - Richtek Technology Corporation |
|
21 / 37 page ![]() RT1716 21 DS1716-04 March 2020 www.richtek.com © Copyright 2020 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Address Length Register Name Bit BitName Default Type Description 0x1D 1 CC_ STATUS 1:0 CC1_STATUS 00 R If (ROLE_CONTROL.CC1 = Rp) or (DrpResult = 0) 00b : SRC.Open (Open, Rp) (default) 01b : SRC.Ra (below maximum vRa) 10b : SRC.Rd (within the vRd range) 11b : reserved If (ROLE_CONTROL.CC1 = Rd) or DrpResult = 1) 00b : SNK.Open (Below maximum vRa) (default) 01b: SNK.Default (Above minimum vRd-Connect) 10b : SNK.Power1.5 (Above minimum vRd-Connect) Detects Rp-1.5A 11b : SNK.Power3.0 (Above minimum vRd-Connect) Detects Rp-3.0A If ROLE_CONTROL.CC1 = Ra, this field is set to 00b If ROLE_CONTROL.CC1 = Open, this field is set to 00b This field always returns 00b if (DrpStatus = 1) or (POWER_CONTROL.EnableVCONN = 1 and POWER_CONTROL.PlugOrientation = 0). Otherwise, the returned value depends upon ROLE_CONTROL.CC1. |