| データシートサーチシステム |
|
RT1716WSC データシート(PDF) 28 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT1716WSC データシート(HTML) 28 Page - Richtek Technology Corporation |
|
28 / 37 page ![]() RT1716 28 DS1716-04 March 2020 www.richtek.com © Copyright 2020 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Address Length Register Name Bit BitName Default Type Description 0x35 1 RX_BUF_ OBJ1_ BYTE_1 7:0 RX_OBJ1_1 0x00 R Byte 1 (bits 15..8) of 1st data object 0x36 1 RX_BUF_ OBJ1_ BYTE_2 7:0 RX_OBJ1_2 0x00 R Byte 2 (bits 23..16) of 1st data object 0x37 1 RX_BUF_ OBJ1_ BYTE_3 7:0 RX_OBJ1_3 0x00 R Byte 3 (bits 31..24) of 1st data object 0x38 1 RX_BUF_ OBJ2_ BYTE_0 7:0 RX_OBJ2_0 0x00 R Byte 0 (bits 7..0) of 2st data object 0x39 1 RX_BUF_ OBJ2_ BYTE_1 7:0 RX_OBJ2_1 0x00 R Byte 1 (bits 15..8) of 2st data object 0x3A 1 RX_BUF_ OBJ2_ BYTE_2 7:0 RX_OBJ2_2 0x00 R Byte 2 (bits 23..16) of 2st data object 0x3B 1 RX_BUF_ OBJ2_ BYTE_3 7:0 RX_OBJ2_3 0x00 R Byte 3 (bits 31..24) of 2st data object 0x3C 1 RX_BUF_ OBJ3_ BYTE_0 7:0 RX_OBJ3_0 0x00 R Byte 0 (bits 7..0) of 3st data object 0x3D 1 RX_BUF_ OBJ3_ BYTE_1 7:0 RX_OBJ3_1 0x00 R Byte 1 (bits 15..8) of 3st data object 0x3E 1 RX_BUF_ OBJ3_ BYTE_2 7:0 RX_OBJ3_2 0x00 R Byte 2 (bits 23..16) of 3st data object 0x3F 1 RX_BUF_ OBJ3_ BYTE_3 7:0 RX_OBJ3_3 0x00 R Byte 3 (bits 31..24) of 3st data object 0x40 1 RX_BUF_ OBJ4_ BYTE_0 7:0 RX_OBJ4_0 0x00 R Byte 0 (bits 7..0) of 4st data object 0x41 1 RX_BUF_ OBJ4_ BYTE_1 7:0 RX_OBJ4_1 0x00 R Byte 1 (bits 15..8) of 4st data object 0x42 1 RX_BUF_ OBJ4_ BYTE_2 7:0 RX_OBJ4_2 0x00 R Byte 2 (bits 23..16) of 4st data object 0x43 1 RX_BUF_ OBJ4_ BYTE_3 7:0 RX_OBJ4_3 0x00 R Byte 3 (bits 31..24) of 4st data object |