データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8435 データシート(PDF) 8 Page - Allegro MicroSystems

部品番号 A8435
部品情報  High Efficiency Charge Pump White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8435 データシート(HTML) 8 Page - Allegro MicroSystems

  A8435 Datasheet HTML 1Page - Allegro MicroSystems A8435 Datasheet HTML 2Page - Allegro MicroSystems A8435 Datasheet HTML 3Page - Allegro MicroSystems A8435 Datasheet HTML 4Page - Allegro MicroSystems A8435 Datasheet HTML 5Page - Allegro MicroSystems A8435 Datasheet HTML 6Page - Allegro MicroSystems A8435 Datasheet HTML 7Page - Allegro MicroSystems A8435 Datasheet HTML 8Page - Allegro MicroSystems A8435 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
High Efficiency Charge Pump White LED Driver
A8435
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
When changing from one specific brightness level to another, the
user may not want to keep the existing brightness level stored
in memory. A simpler method is to program a shutdown and
re-enable, followed by an appropriate number of pulses (from
100%) to reach the target brightness level. The total “LED off”
time during shutdown, re-enable, and brightness programming
can be kept sufficiently short such that no delay is discernable to
the eye.
Shutdown
If the CTRL pin is unconnected or HIGH, the device enters the
shutdown mode when EN1 and EN2 are pulled LOW. When
configured to have a serial pulse dimming control (the CTRL pin
is grounded), the EN1 and the EN2 pins must be pulled LOW for
longer than tSHDN (2 ms typical) in order to enter shutdown mode.
The output is high impedance after shutdown.
Disabling Unused LEDs
If any WLED is not used, connect the corresponding pin to either
VIN or VOUT to disable it. Never leave open any unused WLED
pin. LED pins will sink 30 μA typical when connected to VIN or
VOUT and the IC is enabled.
LED3 must always be selected. For example, to drive 2 LEDs,
select LED3 and one of either LED1, LED2, or LED4.
Component Selection
Ceramic capacitors with X5R or X7R dielectric are recommended
for the input capacitor, CIN, the output capacitor, COUT, and the
charge pump capacitors, C1 and C2.
SHDN
tSHDN
EN1
0
100%
90% 80% 70%
60%
50%
40%
30% 20%
10%
5%
100% 90%
tHI
t LO
tSS
SHDN
tHI(Init)
IILEDX
1
234
5
6
78
9
10
11
Figure 3. Single-Wire Serial Dimming Control, at pin EN1; CTRL = LOW, EN2 = LOW.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com