データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8435 データシート(PDF) 1 Page - Allegro MicroSystems

部品番号 A8435
部品情報  High Efficiency Charge Pump White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8435 データシート(HTML) 1 Page - Allegro MicroSystems

  A8435 Datasheet HTML 1Page - Allegro MicroSystems A8435 Datasheet HTML 2Page - Allegro MicroSystems A8435 Datasheet HTML 3Page - Allegro MicroSystems A8435 Datasheet HTML 4Page - Allegro MicroSystems A8435 Datasheet HTML 5Page - Allegro MicroSystems A8435 Datasheet HTML 6Page - Allegro MicroSystems A8435 Datasheet HTML 7Page - Allegro MicroSystems A8435 Datasheet HTML 8Page - Allegro MicroSystems A8435 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LED1
VOUT
GND
ISET
LED2
LED3
LED4
VIN
C2+
C2-
EN1
EN2
C1+
C1-
CTRL
Single-Wire On/Off and
Dimming Control
A8435
VBATT
2.7 to 5.5 V
RSET
C2
CIN
1 µF
COUT
1 µF
1 µF
1 µF
C1
A8435
LED1
VOUT
GND
ISET
LED2
LED3
LED4
VIN
C2+
C2–
EN1
EN
NC
2
C1+
C1–
CTRL
On/Off and
Dimming Control
VBATT
2.7 to 5.5 V
RSET
C2
CIN
1 µF
COUT
1 µF
1 µF
1 µF
C1
Figure 1. Typical Circuit. Dual wire control configuration: 2-bit
parallel or PWM dimming.
Figure 2. Typical Circuit. Single wire control configuration.
A8435-DS, Rev. 1
Description
The A8435 high efficiency charge pump IC offers a simple,
low-cost white LED driver solution for portable electronics
display applications. Using a proprietary control scheme (1×,
1.5×), the A8435 can output well-matched currents for up to
4 LEDs, while maintaining the highest efficiency over most
of the Li-ion battery lifetime.
The A8435 accepts an input range of 2.7 to 5.5 V and delivers
up to 30 mA for each of the four regulated current sources. The
A8435 can deliver a total continuous output current of 120 mA,
meeting the requirements of most Li-ion battery-powered white
LED backlight applications. Outputs can also be tied together
for WLED flash/torch applications.
The A8435 offers flexible options for LED current driving.
The LED current can be set by any of the following methods:
(a) choosing an appropriate value for RSET, (b) 2-bit
parallel control with 3 levels, (c) PWM control, or (d) serial
programming
TheA8435 is available in a very thin profile 0.75 mm (nominal
height) 3 × 3 mm QFN/MLP-16 package (ES), fitting the needs
of space-conscious applications.
Features and Benefits
▪ Proprietary adaptive control scheme (1×, 1.5×)
▪ Maximum efficiency, over 92%
▪ 0.5% LED current matching
▪ 1 MHz operating frequency
▪ Flexible dimming control:
▫ Serial 11-level dimming, down to 5%
▫ PWM
▫ 2-bit parallel
▪ Drives up to 4 white LEDs
▪ 30 mA per LED
▪ 120 mA total continuous output
▪ Low input ripple and EMI
▪ Soft-start limits inrush current
▪ Short circuit protection
▪ Overvoltage protection
▪ Thermal shutdown protection
▪ Space-saving MLP-16 package: 3 × 3 mm footprint
▪ Very thin 0.75 mm nominal height package
High Efficiency Charge Pump White LED Driver
Package: 16 pin QFN/MLP (suffix ES)
Typical Applications
A8435
Approximate Scale
▪ White LED backlights for cellular phones, PDAs
▪ Digital cameras, camcorders
▪ Portable audio devices
▪ Other portable device white LED backlighting
▪ 120 mA WLED flash/torch
Applications include:


同様の部品番号 - A8435

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
A8430EEK ALLEGRO-A8430EEK Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
A8430EEK-T ALLEGRO-A8430EEK-T Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
A8431EEH-T ALLEGRO-A8431EEH-T Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
More results

同様の説明 - A8435

メーカー部品番号データシート部品情報
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
6-Channel High Efficiency Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
High Efficiency Charge Pump White LED Driver
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
High Efficiency White LED Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com