| データシートサーチシステム |
|
ST72104G2B7/XXX データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G2B7/XXX データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 140 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 65/140 SERIAL PERIPHERAL INTERFACE (Cont’d) Figure 40. Data Clock Timing Diagram CPOL = 1) CPOL = 0) MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 CPOL = 1 CPOL = 0 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) VR02131B MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit SCLK (with SCLK (with |