データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST72104G2B7/XXX データシート(PDF) 47 Page - STMicroelectronics

部品番号 ST72104G2B7/XXX
部品情報  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72104G2B7/XXX データシート(HTML) 47 Page - STMicroelectronics

Back Button ST72104G2B7/XXX Datasheet HTML 43Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 44Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 45Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 46Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 47Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 48Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 49Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 50Page - STMicroelectronics ST72104G2B7/XXX Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 140 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
47/140
16-BIT TIMER (Cont’d)
Figure 30. Input Capture Block Diagram
Figure 31. Input Capture Timing Diagram
ICIE
CC0
CC1
16-BIT FREE RUNNING
COUNTER
IEDG1
(Control Register 1) CR1
(Control Register 2) CR2
ICF2
ICF1
0
0
0
(Status Register) SR
IEDG2
ICAP1
ICAP2
EDGE DETECT
CIRCUIT2
16-BIT
IC1R Register
IC2R Register
EDGE DETECT
CIRCUIT1
pin
pin
FF01
FF02
FF03
FF03
TIMER CLOCK
COUNTER REGISTER
ICAPi PIN
ICAPi FLAG
ICAPi REGISTER
Note: A
ctive edge is rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More