| データシートサーチシステム |
|
ST7LITE0X データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE0X データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 125 page ![]() ST7LITE0x, ST7LITESx 11/125 REGISTER AND MEMORY MAP (Cont’d) Legend: x=undefined, R/W=read/write Table 2. Hardware Register Map Address Block Register Label Register Name Reset Status Remarks 0000h 0001h 0002h Port A PADR PADDR PAOR Port A Data Register Port A Data Direction Register Port A Option Register 00h1) 00h 40h R/W R/W R/W 0003h 0004h 0005h Port B PBDR PBDDR PBOR Port B Data Register Port B Data Direction Register Port B Option Register E0h 1) 00h 00h R/W R/W R/W2) 0006h to 000Ah Reserved area (5 bytes) 000Bh 000Ch LITE TIMER LTCSR LTICR Lite Timer Control/Status Register Lite Timer Input Capture Register xxh xxh R/W Read Only 000Dh 000Eh 000Fh 0010h 0011h 0012h 0013h AUTO-RELOAD TIMER ATCSR CNTRH CNTRL ATRH ATRL PWMCR PWM0CSR Timer Control/Status Register Counter Register High Counter Register Low Auto-Reload Register High Auto-Reload Register Low PWM Output Control Register PWM 0 Control/Status Register 00h 00h 00h 00h 00h 00h 00h R/W Read Only Read Only R/W R/W R/W R/W 0014h to 0016h Reserved area (3 bytes) 0017h 0018h AUTO-RELOAD TIMER DCR0H DCR0L PWM 0 Duty Cycle Register High PWM 0 Duty Cycle Register Low 00h 00h R/W R/W 0019h to 002Eh Reserved area (22 bytes) 0002Fh FLASH FCSR Flash Control/Status Register 00h R/W 00030h EEPROM EECSR Data EEPROM Control/Status Register 00h R/W 0031h 0032h 0033h SPI SPIDR SPICR SPICSR SPI Data I/O Register SPI Control Register SPI Control/Status Register xxh 0xh 00h R/W R/W R/W 0034h 0035h 0036h ADC ADCCSR ADCDR ADCAMP A/D Control Status Register A/D Data Register A/D Amplifier Control Register 00h 00h 00h R/W Read Only R/W 0037h ITC EICR External Interrupt Control Register 00h R/W 0038h 0039h CLOCKS MCCSR RCCR Main Clock Control/Status Register RC oscillator Control Register 00h FFh R/W R/W 1 |