| データシートサーチシステム |
|
ST7LITE0X データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE0X データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 125 page ![]() ST7LITE0x, ST7LITESx 12/125 Notes: 1. The contents of the I/O port DR registers are readable only in output configuration. In input configura- tion, the values of the I/O pins are returned instead of the DR register contents. 2. The bits associated with unavailable pins must always keep their reset value. 003Ah SI SICSR System Integrity Control/Status Register 0xh R/W 003Bh to 007Fh Reserved area (69 bytes) Address Block Register Label Register Name Reset Status Remarks 1 |