データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP41A データシート(PDF) 7 Page - STMicroelectronics

部品番号 TIP41A
部品情報  COMPLEMENTARY SILICON POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41A データシート(HTML) 7 Page - STMicroelectronics

Back Button TIP41A_05 Datasheet HTML 2Page - STMicroelectronics TIP41A_05 Datasheet HTML 3Page - STMicroelectronics TIP41A_05 Datasheet HTML 4Page - STMicroelectronics TIP41A_05 Datasheet HTML 5Page - STMicroelectronics TIP41A_05 Datasheet HTML 6Page - STMicroelectronics TIP41A_05 Datasheet HTML 7Page - STMicroelectronics TIP41A_05 Datasheet HTML 8Page - STMicroelectronics TIP41A_05 Datasheet HTML 9Page - STMicroelectronics TIP41A_05 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TIP42A
3 Package Mechanical Data
7/10
3
Package Mechanical Data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are
available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10