データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TIP41A データシート(PDF) 8 Page - STMicroelectronics

部品番号 TIP41A
部品情報  COMPLEMENTARY SILICON POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP41A データシート(HTML) 8 Page - STMicroelectronics

Back Button TIP41A_05 Datasheet HTML 2Page - STMicroelectronics TIP41A_05 Datasheet HTML 3Page - STMicroelectronics TIP41A_05 Datasheet HTML 4Page - STMicroelectronics TIP41A_05 Datasheet HTML 5Page - STMicroelectronics TIP41A_05 Datasheet HTML 6Page - STMicroelectronics TIP41A_05 Datasheet HTML 7Page - STMicroelectronics TIP41A_05 Datasheet HTML 8Page - STMicroelectronics TIP41A_05 Datasheet HTML 9Page - STMicroelectronics TIP41A_05 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
3 Package Mechanical Data
TIP42A
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
b
0.61
0.88
0.024
0.034
b1
1.15
1.70
0.045
0.066
c
0.49
0.70
0.019
0.027
D
15.25
15.75
0.60
0.620
E
10
10.40
0.393
0.409
e
2.40
2.70
0.094
0.106
e1
4.95
5.15
0.194
0.202
F
1.23
1.32
0.048
0.052
H1
6.20
6.60
0.244
0.256
J1
2.40
2.72
0.094
0.107
L
13
14
0.511
0.551
L1
3.50
3.93
0.137
0.154
L20
16.40
0.645
L30
28.90
1.137
øP
3.75
3.85
0.147
0.151
Q
2.65
2.95
0.104
0.116
TO-220 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10