データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L010RB データシート(PDF) 34 Page - STMicroelectronics

部品番号 STM32L010RB
部品情報  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB データシート(HTML) 34 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 30Page - STMicroelectronics STM32L010RB Datasheet HTML 31Page - STMicroelectronics STM32L010RB Datasheet HTML 32Page - STMicroelectronics STM32L010RB Datasheet HTML 33Page - STMicroelectronics STM32L010RB Datasheet HTML 34Page - STMicroelectronics STM32L010RB Datasheet HTML 35Page - STMicroelectronics STM32L010RB Datasheet HTML 36Page - STMicroelectronics STM32L010RB Datasheet HTML 37Page - STMicroelectronics STM32L010RB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
Port B
PB0
EVENTOUT
-
-
-
-
-
-
-
PB1
-
-
-
-
LPUART1_RTS
-
-
-
PB2
-
-
LPTIM1_OUT
-
-
-
-
-
PB3
SPI1_SCK
-
TIM2_CH2
-
EVENTOUT
-
-
-
PB4
SPI1_MISO
-
-
-
TIM22_CH1
-
-
-
PB5
SPI1_MOSI
-
LPTIM1_IN1
I2C1_SMBA
TIM22_CH2
-
-
-
PB6
-
I2C1_SCL
LPTIM1_ETR
-
-
-
-
-
PB7
-
I2C1_SDA
LPTIM1_IN2
-
-
-
-
-
PB8
-
-
-
-
I2C1_SCL
-
-
-
PB9
-
-
EVENTOUT
-
I2C1_SDA
-
-
-
PB10
-
-
TIM2_CH3
-
LPUART1_TX
-
-
LPUART1_RX
PB11
EVENTOUT
-
TIM2_CH4
-
LPUART1_RX
-
-
LPUART1_TX
PB12
-
-
LPUART1_RTS
-
-
-
EVENTOUT
-
PB13
-
-
MCO
-
LPUART1_CTS
-
TIM21_CH1
-
PB14
-
-
RTC_OUT
-
LPUART1_RTS
-
TIM21_CH2
-
PB15
-
-
RTC_REFIN
-
-
-
-
-
Table 11. Alternate functions (continued)
Ports
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/LPUART1/
LPTIM1/TIM21/
TIM22/
EVENOUT/
SYS_AF
SPI1/I2C1/
TIM2/TIM21
SPI1/LPUART1/
LPTIM1/TIM2/
EVENOUT/
SYS_AF
I2C1/
EVENOUT
I2C1/USART2/
LPUART1/
TIM22/
EVENOUT
TIM2/TIM21/
TIM22
I2C1/LPUART1
/TIM21/
EVENOUT
LPUART1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89