データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32L010RB データシート(PDF) 36 Page - STMicroelectronics

部品番号 STM32L010RB
部品情報  Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,128-Kbyte Flash memory, 20-Kbyte SRAM, 512-byte EEPROM, ADC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L010RB データシート(HTML) 36 Page - STMicroelectronics

Back Button STM32L010RB Datasheet HTML 32Page - STMicroelectronics STM32L010RB Datasheet HTML 33Page - STMicroelectronics STM32L010RB Datasheet HTML 34Page - STMicroelectronics STM32L010RB Datasheet HTML 35Page - STMicroelectronics STM32L010RB Datasheet HTML 36Page - STMicroelectronics STM32L010RB Datasheet HTML 37Page - STMicroelectronics STM32L010RB Datasheet HTML 38Page - STMicroelectronics STM32L010RB Datasheet HTML 39Page - STMicroelectronics STM32L010RB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
Memory mapping
STM32L010RB
36/89
DS12319 Rev 3
5
Memory mapping
Refer to the product line reference manual for details on the memory mapping as well as the
boundary addresses for all peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89