| データシートサーチシステム |
|
AS7030B データシート(PDF) 92 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7030B データシート(HTML) 92 Page - ams AG |
|
92 / 129 page ![]() Document Feedback AS7030B Functional Description Datasheet • PUBLIC DS000716 • v1-00 • 2020-Jun-10 128 │ 91 Figure 118: Non Inverting Amplifier with DC-Blocking, Referenced to V_ADCRef/2 Figure 119: Non Inverting Amplifier with DC-Blocking and Fast Settling Time, Referenced to ADCRef /2 7.1.17 ECG Amplifier The ECG (electro cardiogram) amplifier is a high impedance, low noise instrumentation amplifier with analog circuitry to band pass filter the signal. Gain is distributed between 3 gain stages. The gain in the first stage determines the tradeoff between achievable noise level and achievable input offset voltage. An optional 50/60 Hz notch filter can be enabled to attenuate unwanted noise from mains coupling. + - DAC Gain ~ + - DAC Gain ~ |