データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS7030B データシート(PDF) 5 Page - ams AG

部品番号 AS7030B
部品情報  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS7030B データシート(HTML) 5 Page - ams AG

  AS7030B Datasheet HTML 1Page - ams AG AS7030B Datasheet HTML 2Page - ams AG AS7030B Datasheet HTML 3Page - ams AG AS7030B Datasheet HTML 4Page - ams AG AS7030B Datasheet HTML 5Page - ams AG AS7030B Datasheet HTML 6Page - ams AG AS7030B Datasheet HTML 7Page - ams AG AS7030B Datasheet HTML 8Page - ams AG AS7030B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 4
Benefits
Features
Additional information for end user
Analog electrical front end (e.g. for temperature
sensing using a NTC or galvanic skin resistivity
(GSR))
Proximity function easy to implement
Built-in infrared emitter and dedicated
photodiode
Integrated interference filter
Reduce negative effect of strong sunlight
Long operating time
Hardware sequencer to offload processor
Adjustable LED driver with current control
Works reliably with ambient light
Synchronous demodulator
1.2
Applications
●
Optical sensor platform
●
Fitness band
●
Smart watch
●
Heart rate monitor
●
Cuff less blood pressure measurements
●
ECG monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More