データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

97F5437 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 97F5437
部品情報  Motor Run Capacitors – Gem III 370 and 440 Volts AC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

97F5437 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  97F5437 Datasheet HTML 1Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 2Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 3Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 4Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 5Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 6Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 7Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CPD 510 - 10 / 06
www.regalbeloitcapacitors.com
Motor Run Capacitors – Gem III
5
Case Style
K
J
P
1.75
1.88
S
2.00
2.12
T
2.50
2.62
Case Style A
Capacitance
(µ
µ
µ
µF)
Catalog
Number
Case
Style
Height
C (in.)
UL
Code
3
27L595
A
1.56
P921
4
27L571
A
1.56
P921
5
27L570
A
1.56
P921
6
97F5706
A
2.12
P921
7.5
27L566
A
2.12
P921
10
97F9002
A
2.88
P921
12.5
27L572
A
2.88
P921
15
27L567
A
2.88
P921
20
97F9602
P
2.88
P965
25
97F9606
P
2.88
P965
30
97F9608
P
3.88
P965
35
97F9611
P
3.88
P965
40
97F9614
P
3.88
P965
45
97F9884
P
4.75
P965
50
97F9802
P
4.75
P965
55
97F9010
S
4.75
P968
60
97F5276
T
3.88
P969
65
97F9011
T
3.88
P969
70
97F9012
T
4.75
P969
3
97F5437
A
2.12
P921
4
97F5337
A
2.88
P921
5
97F5339
A
2.88
P921
6
97F5436
A
2.88
P921
7.5
97F9036
A
3.88
P921
10
97F5300
A
3.88
P921
12.5
97F9080
A
4.75
P921
15
97F9625
A
4.75
P921
20
97F9630
P
3.88
P965
25
97F9632
P
3.88
P965
30
97F9635
P
3.88
P965
35
97F9639
S
3.88
P968
40
97F9642
S
3.88
P968
45
97F9645
S
4.75
P968
50
97F5211
T
3.88
P969
55
97F9042
T
4.75
P969
60
97F9043
T
4.75
P969
65
97F5241
T
4.75
P969
70
97F5251
T
4.75
P969
370 Volts AC Nominal
440 Volts AC Nominal
*STANDARD RATINGS
Case Style P, S, and T
* It is RBC’s goal to serve you with the most cost
effective and the highest quality capacitor designs.
Standardization to the catalog type shown is a
major program at RBC.
However, RBC remains sensitive to your needs
and requirements, and will continue to offer the
above ratings (and more) in case configurations to
meet your application (s).



Html Pages

1 2 3 4 5 6 7 8