データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

97F5437 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 97F5437
部品情報  Motor Run Capacitors – Gem III 370 and 440 Volts AC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

97F5437 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  97F5437 Datasheet HTML 1Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 2Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 3Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 4Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 5Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 6Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 7Page - List of Unclassifed Manufacturers 97F5437 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Motor Run Capacitors – Gem III
6
DUAL SECTION
CPD 510 - 10 / 06
www.regalbeloitcapacitors.com
Catalog
Number
Case
Style
Height
C(in.)
UL
Code
10
10
27L956
C
2.12
P923
15
5
97F9437
C
2.88
P923
15
7.5
97F9526
C
2.88
P923
20
5
97F9673
C
2.88
P923
20
7.5
97F9991
C
2.88
P923
25
5
97F9675
C
2.88
P923
25
7.5
97F9677
C
2.88
P923
30
5
97F9681
C
3.88
P923
30
7.5
97F9683
C
3.88
P923
35
5
97F9796
C
3.88
P923
35
7.5
97F9864
C
3.88
P923
40
5
97F9840
C
3.88
P923
40
7.5
97F9845
C
3.88
P923
45
5
97F9859
C
3.88
P923
45
7.5
97F9841
C
3.88
P923
50
5
97F9885
C
4.75
P923
50
7.5
97F9858
C
4.75
P923
15
5
97F9694
C
2.88
P923
15
7.5
97F9992
C
2.88
P923
20
5
97F9695
C
2.88
P923
20
7.5
97F9696
C
3.88
P923
25
5
97F9730
C
3.88
P923
25
7.5
97F9993
C
3.88
P923
30
5
97F9994
C
3.88
P923
30
7.5
97F9995
C
3.88
P923
35
5
97F9842
C
4.75
P923
35
7.5
97F9892
C
4.75
P923
40
5
97F9843
C
4.75
P923
40
7.5
97F9996
C
4.75
P923
Capacitance
(µ
µ
µ
µ
F)
(µ
µ
µ
µ
F)
(Herm)
(Fan)
370 Volts AC Nominal
440 Volts AC Nominal
Case Style
RBC Code
Generic UL Code
C
P923
C10000AFC
D
P924
D10000AFC
*STANDARD RATINGS
Case Style C
* It is RBC’s goal to serve you with the most cost
effective and the highest quality capacitor designs.
Standardization to the catalog type shown is a
major program at RBC.
However, RBC remains sensitive to your needs
and requirements, and will continue to offer the
above ratings (and more) in case configurations to
meet your application (s).



Html Pages

1 2 3 4 5 6 7 8