データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G431C6 データシート(PDF) 45 Page - STMicroelectronics

部品番号 STM32G431C6
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 データシート(HTML) 45 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 41Page - STMicroelectronics STM32G431C6 Datasheet HTML 42Page - STMicroelectronics STM32G431C6 Datasheet HTML 43Page - STMicroelectronics STM32G431C6 Datasheet HTML 44Page - STMicroelectronics STM32G431C6 Datasheet HTML 45Page - STMicroelectronics STM32G431C6 Datasheet HTML 46Page - STMicroelectronics STM32G431C6 Datasheet HTML 47Page - STMicroelectronics STM32G431C6 Datasheet HTML 48Page - STMicroelectronics STM32G431C6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 198 page
background image
DS12589 Rev 6
45/198
STM32G431x6 STM32G431x8 STM32G431xB
Pinouts and pin description
66
4.3
UFQFPN48 pinout description
Figure 7. STM32G431x6/x8/xB UFQFPN48 pinout
1. The above figure shows the package top view.
2. VSS pads are connected to the exposed pad.
4.4
LQFP48 pinout description
Figure 8. STM32G431x6/x8/xB LQFP48 pinout
1. The above figure shows the package top view.
MSv47172V1
UFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
VBAT
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PF0-OSC_IN
PF1-OSC_OUT
PG10-NRST
PA0
PA1
PA2
PA3
PA4
36
35
34
33
32
31
30
29
28
27
26
25
PA13
VDD
PA12
PA11
PA10
PA9
PA8
PC6
PB15
PB14
PB13
PB12
Exposed pad
VSS
MSv42659V2
LQFP48
1
2
3
4
5
6
7
8
9
10
11
12
VBAT
PC13
PC14 - OSC32_IN
PC15 - OSC32_OUT
PF0 - OSC_IN
PF1 - OSC_OUT
PG10 - NRST
PA0
PA1
PA2
PA3
PA4
36
35
34
33
32
31
30
29
28
27
26
25
VDD
VSS
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12
PB11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More