データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32G431C6 データシート(PDF) 96 Page - STMicroelectronics

部品番号 STM32G431C6
部品情報  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 データシート(HTML) 96 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 92Page - STMicroelectronics STM32G431C6 Datasheet HTML 93Page - STMicroelectronics STM32G431C6 Datasheet HTML 94Page - STMicroelectronics STM32G431C6 Datasheet HTML 95Page - STMicroelectronics STM32G431C6 Datasheet HTML 96Page - STMicroelectronics STM32G431C6 Datasheet HTML 97Page - STMicroelectronics STM32G431C6 Datasheet HTML 98Page - STMicroelectronics STM32G431C6 Datasheet HTML 99Page - STMicroelectronics STM32G431C6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
96/198
DS12589 Rev 6
APB2
SYSCFG/VREFBUF/COMP
1.94
1.81
1.49
1.82
µA/MHz
TIM1
12.00
11.16
9.20
10.41
SPI1
2.47
2.32
1.92
2.18
TIM8
11.65
10.83
8.93
10.17
USART1 clock domain
2.84
2.65
2.18
2.48
USART1 independent clock domain
7.01
6.53
5.38
6.17
SPI4
2.47
2.32
1.92
2.18
TIM15
6.00
5.57
4.61
5.26
TIM16
4.18
3.89
3.20
3.57
TIM17
4.37
4.06
3.33
3.76
SAI1 clock domain
3.08
2.88
2.36
2.79
SAI1 independent clock domain
3.07
2.84
2.35
2.63
ALL APB2 on
62.79
58.41
52.90
53.64
ALL peripherals
250.00
210.44
179.05
225.00
Table 34. Peripheral current consumption (continued)
BUS
Peripheral
Range 1
Boost Mode
Range 1
Range 2
Low-power
run and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More