データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

07S データシート(PDF) 15 Page - rfsolutions.ltd

部品番号 07S
部品情報  ESP-07S User Manual
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFSOLUTIONS [rfsolutions.ltd]
ホームページ  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

07S データシート(HTML) 15 Page - rfsolutions.ltd

Back Button 07S Datasheet HTML 10Page - rfsolutions.ltd 07S Datasheet HTML 11Page - rfsolutions.ltd 07S Datasheet HTML 12Page - rfsolutions.ltd 07S Datasheet HTML 13Page - rfsolutions.ltd 07S Datasheet HTML 14Page - rfsolutions.ltd 07S Datasheet HTML 15Page - rfsolutions.ltd 07S Datasheet HTML 16Page - rfsolutions.ltd 07S Datasheet HTML 17Page - rfsolutions.ltd 07S Datasheet HTML 18Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ESP-07S
DS-ESP07S-1
AT+RST – Restart module
The type of this command is "executed". It’s used to restart the module.
AT+GMR – View version info
This AT command is used to check the version of AT commands and SDK that you are using, the type
of which is "executed".
AT+GSLP – Enter deep-sleep mode
This command is used to invoke the deep-sleep mode of the module, the type of which is "set". A
minor adjustment has to be made before the module enter this deep sleep mode, i.e., connect
XPD_DCDC with EXT_RSTB via 0R.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18