| データシートサーチシステム |
|
WM8599SEFT/V データシート(PDF) 23 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8599SEFT/V データシート(HTML) 23 Page - Wolfson Microelectronics plc |
|
23 / 74 page ![]() Product Preview WM8599 w PP Rev 1.0 January 2007 23 DSP MODE A In DSP Mode A, the MSB of channel 1 left data input is sampled on the second rising edge of bit clock following a left/right clock rising edge. Channel 1 right data then follows. The MSB of output data changes on the first falling edge of bit clock following a left/right clock transition and may be sampled on the rising edge of bit clock. The right channel data is contiguous with the left channel data. Figure 13 DSP Mode A Timing DSP MODE B In DSP Mode B, the MSB of channel 1 left data input is sampled on the first bit clock rising edge following a left/right clock rising edge. Channel 1 right data then follows. The MSB of output data changes on the same falling edge of BCLK as the low to high left/right clock transition and may be sampled on the rising edge of bit clock. The right channel data is contiguous with the left channel data. Figure 14 DSP Mode B Timing |