| データシートサーチシステム |
|
STTH30L06G データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH30L06G データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() STTH30L06 Characteristics 3/10 Figure 1. Conduction losses versus average forward current Figure 2. Forward voltage drop versus forward current P(W) 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 30 35 40 T δ=tp/T tp I (A) F(AV) δ = 1 δ = 0.05 δ = 0.1 δ = 0.2 δ = 0.5 0 10 20 30 40 50 60 70 80 90 100 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 2.25 2.50 I (A) FM V (V) FM T =150°C (typical values) j T =25°C (maximum values) j T =150°C (maximum values) j Figure 3. Relative variation of thermal impedance junction to case versus pulse duration Figure 4. Peak reverse recovery current versus dIF/dt (typical values) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.E-03 1.E-02 1.E-01 1.E+00 Z/R th(j-c) th(j-c) t (s) p Single pulse 0 5 10 15 20 25 30 35 40 45 0 50 100 150 200 250 300 350 400 450 500 I (A) RM dI /dt(A/µs) F I =2 x I F F(AV) I=I F F(AV) I =0.5 x I F F(AV) V =400V T =125°C R j Figure 5. Reverse recovery time versus dIF/dt (typical values) Figure 6. Reverse recovery charges versus dIF/dt (typical values) 0 50 100 150 200 250 300 350 400 450 500 550 600 650 700 750 800 0 50 100 150 200 250 300 350 400 450 500 t (ns) rr dI /dt(A/µs) F I=I F F(AV) I =0.5 x I F F(AV) V =400V T =125°C R j I =2 x I F F(AV) 0 500 1000 1500 2000 2500 3000 3500 0 100 200 300 400 500 Q (nC) rr I =2 x I F F(AV) I=I F F(AV) I =0.5 x I F F(AV) V =400V T =125°C R j dI /dt(A/µs) F |