データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH30L06G データシート(PDF) 4 Page - STMicroelectronics

部品番号 STTH30L06G
部品情報  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30L06G データシート(HTML) 4 Page - STMicroelectronics

  STTH30L06G Datasheet HTML 1Page - STMicroelectronics STTH30L06G Datasheet HTML 2Page - STMicroelectronics STTH30L06G Datasheet HTML 3Page - STMicroelectronics STTH30L06G Datasheet HTML 4Page - STMicroelectronics STTH30L06G Datasheet HTML 5Page - STMicroelectronics STTH30L06G Datasheet HTML 6Page - STMicroelectronics STTH30L06G Datasheet HTML 7Page - STMicroelectronics STTH30L06G Datasheet HTML 8Page - STMicroelectronics STTH30L06G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STTH30L06
4/10
Figure 7.
Reverse recovery softness factor
versus dIF/dt (typical values)
Figure 8.
Relative variations of dynamic
parameters versus junction
temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
50
100
150
200
250
300
350
400
450
500
S factor
I < 2 x I
T =125°C
F
F(AV)
j
V =400V
R
dI /dt(A/µs)
F
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
QRR
trr
S factor
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
450
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy FR4, eCU=35µm)
(D2PAK)
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
S
(cm²)
CU



Html Pages

1 2 3 4 5 6 7 8 9 10