データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WM8960GEFL/V データシート(PDF) 42 Page - Wolfson Microelectronics plc

部品番号 WM8960GEFL/V
部品情報  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WOLFSON [Wolfson Microelectronics plc]
ホームページ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960GEFL/V データシート(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8960GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 44Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8960GEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
WM8960
Preliminary Technical Data
w
PTD, September 2006, Rev 2.0
42
VOLUME UPDATES
Volume settings will not be applied to input or output PGAs until a '1' is written to one of the update
bits (IPVU, OUT1VU, SPKVU bits). This is to allow left and right channels to be updated at the same
time, as shown in Figure 16.
Figure 16 Simultaneous Left and Right Volume Updates
If the volume is adjusted while the signal is a non-zero value, an audible click can occur as shown in
Figure 17.
Figure 17 Click Noise During Volume Update
In order to prevent this click noise, a zero cross function is provided. When enabled, this will cause
the PGA volume to update only when a zero crossing occurs, minimising click noise as shown in
Figure 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88