データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCMP361 データシート(PDF) 5 Page - Analog Devices

部品番号 ADCMP361
部品情報  Single 0.275% Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 データシート(HTML) 5 Page - Analog Devices

  ADCMP361_07 Datasheet HTML 1Page - Analog Devices ADCMP361_07 Datasheet HTML 2Page - Analog Devices ADCMP361_07 Datasheet HTML 3Page - Analog Devices ADCMP361_07 Datasheet HTML 4Page - Analog Devices ADCMP361_07 Datasheet HTML 5Page - Analog Devices ADCMP361_07 Datasheet HTML 6Page - Analog Devices ADCMP361_07 Datasheet HTML 7Page - Analog Devices ADCMP361_07 Datasheet HTML 8Page - Analog Devices ADCMP361_07 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADCMP361
Rev. 0 | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
OUT
5
OUT
2
GND
3
IN
4
VDD
ADCMP361
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT
Noninverting Open-Drain Output.
2
GND
Ground.
3
IN
Monitors analog input voltage on comparator. The other input of the comparator is connected to a 400 mV
reference.
4
VDD
Power Supply.
5
OUT
Inverting Open-Drain Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12