データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCMP361 データシート(PDF) 12 Page - Analog Devices

部品番号 ADCMP361
部品情報  Single 0.275% Comparator and Reference with Dual Polarity Outputs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADCMP361 データシート(HTML) 12 Page - Analog Devices

Back Button ADCMP361_07 Datasheet HTML 4Page - Analog Devices ADCMP361_07 Datasheet HTML 5Page - Analog Devices ADCMP361_07 Datasheet HTML 6Page - Analog Devices ADCMP361_07 Datasheet HTML 7Page - Analog Devices ADCMP361_07 Datasheet HTML 8Page - Analog Devices ADCMP361_07 Datasheet HTML 9Page - Analog Devices ADCMP361_07 Datasheet HTML 10Page - Analog Devices ADCMP361_07 Datasheet HTML 11Page - Analog Devices ADCMP361_07 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADCMP361
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 31. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADCMP361YRJZ-REEL71
–40°C to +125°C
5-Lead SOT-23
RJ-5
M99
1 Z = Pb-free part.
©2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D06496-0-2/07(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12