| データシートサーチシステム |
|
AT45DB021A データシート(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021A データシート(HTML) 20 Page - ATMEL Corporation |
|
20 / 28 page ![]() AT45DB021A 20 Detailed Bit-level Read Timing – SPI Mode 0 Continuous Array Read (Opcode: E8H) Burst Array Read (Opcode: E8H) SI 1 1X X X CS SO SCK 12 62 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 DATA OUT BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV SI 1 1X X X CS SO SCK 12 62 63 64 65 66 HIGH-IMPEDANCE D7 D6 D1 D0 D7 D6 D5 DATA OUT BIT 2111 OF PAGE n LSB MSB tSU tV tBRBD BIT 0 OF PAGE n+1 |