| データシートサーチシステム |
|
AT45DB021A データシート(PDF) 27 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB021A データシート(HTML) 27 Page - ATMEL Corporation |
|
27 / 28 page ![]() AT45DB021A 27 Packaging Information .045(1.14) X 45˚ PIN NO. 1 IDENTIFY .025(.635) X 30˚ - 45˚ .012(.305) .008(.203) .021(.533) .013(.330) .530(13.5) .490(12.4) .030(.762) .015(.381) .095(2.41) .060(1.52) .140(3.56) .120(3.05) .032(.813) .026(.660) .050(1.27) TYP .553(14.0) .547(13.9) .595(15.1) .585(14.9) .300(7.62) REF .430(10.9) .390(9.90) AT CONTACT POINTS .022(.559) X 45˚ MAX (3X) .453(11.5) .447(11.4) .495(12.6) .485(12.3) *Controlling dimension: millimeters INDEX MARK AREA 0.55 (0.022) BSC 0.20 (0.008) 0.10 (0.004) 7.15 (0.281) REF 8.10 (0.319) 7.90 (0.311) 1.25 (0.049) 1.05 (0.041) 0.27 (0.011) 0.18 (0.007) 11.9 (0.469) 11.7 (0.461) 13.7 (0.539) 13.1 (0.516) 0 5 0.20 (0.008) 0.15 (0.006) REF 0.70 (0.028) 0.30 (0.012) 32J, 32-lead, Plastic J-leaded Chip Carrier (PLCC) Dimensions in Inches and (Millimeters) JEDEC STANDARD MS-016 AE 28R, 28-lead, 0.330" Wide, Plastic Gull Wing Small Outline (SOIC) Dimensions in Inches and (Millimeters) 28T, 28-lead, Plastic Thin Small Outline Package (TSOP) Dimensions in Millimeters and (Inches)* |