| データシートサーチシステム |
|
AT45DB081B-RU データシート(PDF) 15 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB081B-RU データシート(HTML) 15 Page - ATMEL Corporation |
|
15 / 33 page ![]() 15 AT45DB081B 2225I–DFLSH–9/05 Reset Timing (Inactive Clock Polarity Low Shown) Note: The CS signal should be in the high state before the RESET signal is deasserted. Command Sequence for Read/Write Operations (except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 8M bits or smaller. 3. For densities larger than 8M bits, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO HIGH IMPEDANCE HIGH IMPEDANCE SI tRST tREC tCSS SI CMD 8 bits 8 bits 8 bits MSB Reserved for larger densities Page Address (PA11-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r X X X X X X X X X X X X X X X X X X X X X |