| データシートサーチシステム |
|
AT45DB081B-RU データシート(PDF) 22 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB081B-RU データシート(HTML) 22 Page - ATMEL Corporation |
|
22 / 33 page ![]() 22 AT45DB081B 2225I–DFLSH–9/05 Detailed Bit-level Read Timing – SPI Mode 0 Continuous Array Read (Opcode: E8H) Main Memory Page Read (Opcode: D2H) SI 1 1X X X CS SO SCK 12 62 63 64 65 66 67 HIGH-IMPEDANCE D7 D6 D5 D2 D1 D0 D7 D6 D5 DATA OUT BIT 0 OF PAGE n+1 BIT 2111 OF PAGE n LSB MSB tSU tV SI 1 1 0 10 XX X CS SO SCK 12345 60 61 62 63 64 65 66 67 XX HIGH-IMPEDANCE D7 D6 D5 DATA OUT COMMAND OPCODE MSB tSU tV D4 |