| データシートサーチシステム |
|
AT43USB326 データシート(PDF) 36 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB326 データシート(HTML) 36 Page - ATMEL Corporation |
|
36 / 102 page ![]() 36 AT43USB326 3313D–USB–04/06 Timer/Counter The AT43USB326 provides one general-purpose 8-bit Timer/Counter (T/C). The Timer/Counter has prescaling selection from a 10-bit prescaling timer. The Timer/Counter can either be used as a timer with an internal clock timebase or as a counter with an external pin connection which triggers the counting. Timer/Counter Prescaler The four different prescaled selections are: CK/8, CK/64, CK/256 and CK/1024 where CK is the oscillator clock. Added selections such as CK, external source and stop, can be selected as clock sources. Figure 9. Timer/Counter Prescaler 10-bit T/C Prescaler CS00 CS01 CS02 0 CK T0 Timer/Counter0 Clock Source TCK0 |