| データシートサーチシステム |
|
AT43USB326 データシート(PDF) 51 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT43USB326 データシート(HTML) 51 Page - ATMEL Corporation |
|
51 / 102 page ![]() 51 AT43USB326 3313D–USB–04/06 Control Write Status Response State The Function Interface Unit receives an IN token from the Host. The FIU responds with a zero length DATA1 packet, retrying until it receives an ACK back from the Host. The FIU then asserts a TX_COMPLETE interrupt. Hardware Firmware 1. IN token from Host 2. Send Data1(0) 3. ACK from Host 4. Set TX Complete → INT 5. Read UISR 6. Read CSR0 7. Clear TX COMPLETE, clear Data End, set Force STALL in CAR0 8. Set UIAR[EP0 INTACK] to clear the interrupt source |